PART |
Description |
Maker |
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
AM29F400BT-90EC0 AM29F400BT-90SC0 AM29F400BT-90EK |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AM29DL400BT-70EE AM29DL400BT-70EEB AM29DL400BT-70E |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only/ Simultaneous Operation Flash Memory
|
Advanced Micro Devices
|
AM29F400BT-45SE0 AM29F400BB-45SE0 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM29SL400DT100WAF AM29SL400DB90 AM29SL400DB90WAC A |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
AM29F400BB-120DTI2 AM29F400BB-120DWC2 AM29F400BT-1 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
|
http:// AMD[Advanced Micro Devices]
|
AM29F400BB-120DPE2 AM29F400BT-75DTC2 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
|
ADVANCED MICRO DEVICES INC
|
AM29LV400BB70 AM29LV400BB90 AM29LV400BT120 AM29LV4 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29DL400BB-80ED BT120ED DL400BB-120EF |
256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
|
SPANSION LLC http://
|
AM29F400BT-90DTE1 AM29F400BB-90DTC1 AM29F400BB-90D |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 90 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 70 ns, UUC43
|
Advanced Micro Devices, Inc.
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|